PART |
Description |
Maker |
LPC4076 |
(LPC407x / LPC408x) 32-bit ARM Cortex-M4 MCU
|
NXP Semiconductors
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
LPC11U68JBD48 LPC11U67JBD48 LPC11U68JBD100 LPC11U6 |
32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; USB; 12-bit ADC 32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 20 kB SRAM; 4 kB EEPROM; USB; 12-bit ADC
|
NXP Semiconductors
|
LPC2210FBD144 LPC2210FBD144_01 LPC221008 LPC2220FE |
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2210 LPC2210FBD144 |
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2292FBD144 |
16-32-bit ARM microcontrollers; 256 kB ISP-IAP flash with CAN, 10-bit ADC and external memory interface
|
NXP Semiconductors N.V.
|
STM32F205ZC STM32F207XX STM32F205RC STM32F205VC ST |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera STM32F205RET6VTR ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
STM32F103X608 |
Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
|
STMicroelectronics
|
LPC2290FBD144 |
16/32-bit ARM microcontrollers with CAN/ 10-bit ADC and external memory interface 16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
AT91M43300-25CI AT91M43300 AT91M43300-12CC-1.8 AT9 |
ARM Thumb Microcontrollers ARM Thumb Microcontrollers 32-BIT, RISC MICROCONTROLLER, PBGA144
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
W90N745CDG |
16/32-bit ARM microcontroller
|
Winbond
|
NUC122LC1AN NUC122LD2AN NUC122SC1AN NUC122SD2AN NU |
ARM Cortex?-M0 32-BIT MICROCONTROLLER
|
List of Unclassifed Manufacturers
|